|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ADSL Magnetics Globespan * Designed to comply with the requirements of GR1089, UL1950, EN60950, BABT and CSA950 to provide a supplementary insulation barrier with a working voltage of 250V UL File Number E150991 Minimum interwinding breakdown voltage of 1500 Vrms * * * * * * TM01382 Operating and storage temperature range: -40 to +85 C Meets IEC 695, 2-2 flammability requirements PWB Process Capability: standard printed wiring board assembly techniques, total-immersion cleaning Reliability testing: shock, vibration, temperature cycling, temperature - humidity - bias ELECTRICAL SPECIFICATIONS AT 25 C Turns Ratio 2% Part Number Chip : Line Inductance1 mH 5% Leakage Inductance2 H max DCR nom 10% Longitudinal Balance dB max Insertion Loss dB max Frequency Response dB max Harmonic Distortion3 dB max Line Side Line Side Chip Side Line Side 20 kHz 300 kHz 100 kHz 100 kHz 300 kHz 100 kHz S560-6600-71 1:1 405.5 10 0.76 0.85 -55 0.5 0.5 -80 All measurements are made with pins 2 and 4 connected and pins 7 and 9 connected 1. Inductance measured at 10 kHz, 0.1 Vac, 100 mA DC 2. Measured at 100 kHz, 0.1 Vac 3. Measurements made with 100 source and 100 load impedance at 100 kHz, 15 Vpp SCHEMATIC S560-6600-71 1 10 4 Chip 2 7 Line 9 5 6 (c)2001 Bel Fuse Inc. Specifications subject to change without notice. 09.01 Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 1 ADSL Magnetics TM01382 Globespan MECHANICAL 1 5 S560-6600-71 0.741 [18.82] 6 0.100 [2.54] 0.060 [1.52] 10 0.087 [2.21] 0.100 [2.54] 0.540 [13.72] max 0.028 [0.71] 0.585 [14.86] max 0.500 [12.70] max 0.005 [0.13] 0.606 [15.39] 0.699 [17.75] max Dimensions are in inches [millimeters]. Standard dimension tolerance is 0.005 [0.13] unless otherwise noted. 10 Edges Tape and Reel Packaging 32 mm wide by 24 mm pitch; 13 inch OD, 4 inch ID 200 components per reel, maximum Meets ANSI/EIA 481-2 Carrier Tape Standards User Feed Direction Orientation of Component Inside Pocket (c)2001 Bel Fuse Inc. Specifications subject to change without notice. 09.01 CORPORATE Bel Fuse Inc. 206 Van Vorst Street Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com FAR EAST Bel Fuse Ltd. 8F / 8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel 852-2328-5515 Fax 852-2352-3706 www.belfuse.com EUROPE Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Suite G7, Preston Lancashire, PR1 8UD, U.K. Tel 44-1772-556601 Fax 44-1772-888366 www.belfuse.com page 2 |
Price & Availability of S560-6600-71 |